Part Number Hot Search : 
70236 OM5222XX 1M82RCA HAE222 03000 2SK988 B1128 LT3483A
Product Description
Full Text Search
 

To Download BL-PDY-GRS-C20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMERICAN BRIGHT OPTOELECTRONICS CORP.
Z-BEND DOMILED Gap BL-PDx-GRS Series
*
Feature: 1. Surface mount LED. 2. 120 viewing angle. 3. Small package outline (LxWxH) of 3.2 x 2.8 x 1.8 mm. 4. Qualified according to JEDEC moisture sensitivity Level 2. 5. Compatible to both IR reflow soldering and TTW soldering.
*
Package Dimension:
Recommended Solder Pad
V.1 Page: 1 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
*
Z-BEND DOMILED Gap BL-PDx-GRS Series
Optical Characteristics:
Part Number BL-PDR-GRS-C10
* * * BIN L1 BIN L2 BIN M1 BIN M2
Chip Technology / Color GaP / Red, 625 nm
Luminous Intensity @ If = 20mA Iv ( mcd ) 11.2 ... 28.5
11.2 ... 14.0 14.0 ... 18.0 18.0 ... 22.4 22.4 ... 28.5
*
BL-PDR-GRS-C20
* * * BIN M1 BIN M2 BIN N1
28.5 ... 71.5
28.5 ... 35.5 35.5 ... 45.0 45.0 ... 56.0 56.0 ... 71.5
* BIN N2 BL-PDO-GRS-C10
* * * BIN L1 BIN L2 BIN M1
GaP / Orange, 605 nm
11.2 ... 28.5
11.2 ... 14.0 14.0 ... 18.0 18.0 ... 22.4 22.4 ... 28.5
* BIN M2 BL-PDY-GRS-C10
* * * * BIN L1 BIN L2 BIN M1 BIN M2
GaP / Yellow, 587 nm
11.2 ... 28.5
11.2 ... 14.0 14.0 ... 18.0 18.0 ... 22.4 22.4 ... 28.5
BL-PDY-GRS-C20
* * * * BIN M1 BIN M2 BIN N1 BIN N2
28.5 ... 71.5
28.5 ... 35.5 35.5 ... 45.0 45.0 ... 56.0 56.0 ... 71.5
BL-PDG-GRS-C10
* * * BIN L1 BIN L2 BIN M1 BIN M2
GaP / Green, 570 nm
11.2 ... 28.5
11.2 ... 14.0 14.0 ... 18.0 18.0 ... 22.4 22.4 ... 28.5
*
BL-PDG-GRS-C20
* * * BIN M1 BIN M2 BIN N1 BIN N2
18.0 ... 45.0
18.0 ... 22.4 22.4 ... 28.5 28.5 ... 35.5 35.5 ... 45.0
*
V.1 Page: 2 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Z-BEND DOMILED Gap BL-PDx-GRS Series
Forward voltage @ If=20 mA. 2.2 V (typ.); 2.6 V (max) NOTE:
Chip Type GaP
Viewing angle at 50% Iv 120
Reverse current, IR @ VR = 5V, (max) 100 A
1. Other luminous intensity groups are also available upon request. 2. Luminous intensity is measured with an accuracy of 11%. 3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 4. An optional Vf binning is also available upon request. Binning scheme is as per following table.
*
Absolute Maximum Ratings:
Parameter DC forward current. Peak pulse current; (tp 10 s, Duty cycle = 0.005) Reverse voltage. LED junction temperature. Operating temperature. Storage temperature. Power dissipation ( at room temperature ) Maximum Value 30 500 5 100 -40 ... +100 -40 ... +100 75 Unit mA mA V C C C mW
*
Vf Binning: Vf Bin @ 20mA 01 02 03 04 Forward voltage (V) 1.55 ... 1.85 1.85 ... 2.15 2.15 ... 2.45 2.45 ... 2.60
Forward voltage, Vf is measured with an accuracy of 0.1 V.
V.1 Page: 3 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Z-BEND DOMILED Gap BL-PDx-GRS Series
*
Wavelength Grouping: Color
BL-PDR; Red BL-PDO; Orange
Group
Full Full W X Y Z
Wavelength distribution (nm)
620 - 635 600 - 612 600 - 603 603 - 606 606 - 609 609 - 612 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594 564.5 - 576.5 564.5 - 567.5 567.5 - 570.5 570.5 - 573.5 573.5 - 576.5
BL-PDY; Yellow
Full W X Y Z
BL-PDG; Green
Full W X Y Z
Wavelength is measured with an accuracy of 1 nm.
*
Typical electro-optical characteristics curves:
Fig. 2 Forward current vs. forward voltage.
Forward Current vs. Forward Voltage
40
Fig. 1 Relative luminous intensity vs. forward current.
Intensity vs. DC Forw ard Current
Relative intensity. Normalized at 20 mA.
2.2 2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 60 FORW ARD CURRENT (m A)
Forward Current (mA)
35 30 25 20 15 10 5 0 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
GaP
Forward Voltage (V)
V.1 Page: 4 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Z-BEND DOMILED Gap BL-PDx-GRS Series
Fig. 3 Radiation pattern.
30 20 10 0
1.0
Fig. 4 Maximum forward current vs. temperature.
35
30
40
0.8
25 Forward Current, If
50
0.6
20
15
60 70 80 90
0.4
10
0.2
5
0
0
0
10
20
30
40
50
60
70
80
90
100
Ambient Temperature
Fig. 5 Recommended IR-reflow Soldering Profile
Fig. 6 Recommended TTW Soldering Profile
V.1 Page: 5 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
*
Z-BEND DOMILED Gap BL-PDx-GRS Series
Taping And Orientation
Reels come in quantity of 8000 units or 2000 units. Reel diameters are 330 mm and 180 mm respectively.
V.1 Page: 6 of 6


▲Up To Search▲   

 
Price & Availability of BL-PDY-GRS-C20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X